Part Number Hot Search : 
MT90528 D4069UBC ADP2301 E006914 D882S KN3905S PCA9554A 1SMC15A
Product Description
Full Text Search
 

To Download ST2SA950 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2SA950
PNP Silicon Epitaxial Planar Transistor for audio power amplifier applications.
The transistor is subdivided into two group, O and Y according to its DC current gain. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta=25oC) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Base Current Power Dissipation Junction Temperature Storage Temperature Range -VCBO -VCEO -VEBO -IC -IB Ptot Tj TS Value 35 30 5 800 160 600 150 -55 to +150 Unit V V V mA mA mW
O O
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SA950
Characteristics at Tamb=25 OC Symbol DC Current Gain at -VCE=1V, -IC=100mA Current Gain Group O Y at -VCE=1V, -IC=700mA Collector Cutoff Current at -VCB=35V Emitter Cutoff Current at -VEB=5V Collector Emitter Breakdown Voltage at -IC=10mA Collector Emitter Saturation Voltage at -IC=500mA, -IB=20mA Base Emitter Voltage at -VCE=1V,-IC=10mA Transition Frequency at -VCE=5V, -IC=10mA Collector Output Capacitance at -VCB=10V, f=1MHz COB 19 pF fT 120 MHz -VBE 0.5 0.8 V -VCE(sat) 0.7 V -V(BR)CEO 30 V -IEBO 0.1 A -ICBO 0.1 A hFE hFE hFE 100 160 35 200 320 Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SA950
Ta=25
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002


▲Up To Search▲   

 
Price & Availability of ST2SA950

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X